PART |
Description |
Maker |
BC490A BC490-D BC490AZL1 |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | TO-92 From old datasheet system High Current Transistors PNP Silicon PNP Silicon Plastic Transistor
|
ON Semiconductor
|
Q62702-F1582 BF569W Q62702-F1322 |
From old datasheet system PNP Silicon RF Transistor (For oscillators mixer and self-oscillating mixer stages in UHF TV-tuner) PNP Silicon RF Transistor kein Status PNP Silicon RF Transistor (For oscillators, mixer and self-oscillating mixer stages in UHF TV-tuner) NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications) NPN硅射频晶体管(低失真输出天线的宽带和电信放大级)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
MSB92T1G |
PNP Silicon General Purpose High Voltage Transistor SS SC59 HV XSTR PNP 300V 150 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
KSB1149 KSB1149OS KSB1149OSTU KSB1149YS KSB1149YST |
PNP Silicon Darlington Transistor PNP Epitaxial Silicon Transistor Low Collector Saturation Voltage Built-in Damper Diode at E-C
|
FAIRCHILD[Fairchild Semiconductor]
|
2SA1859 2SA1859A |
Silicon PNP Transistor Silicon PNP Epitaxial Planar Transistor(Audio Output Driver and TV Velocity-modulation)
|
SANKEN[Sanken electric]
|
2SA1121 2SA1121SC |
TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | SOT-23 晶体管|晶体管|进步党| 35V的五(巴西)总裁| 500mA的一(c)| SOT - 23封装 Silicon PNP Epitaxial Silicon PNP Transistor
|
HIROSE ELECTRIC Co., Ltd. HITACHI[Hitachi Semiconductor]
|
FCX790A FCX790ATA FCX790A-15 |
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR TRANSISTOR PNP-40V -2000MA SOT89 2000 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Zetex Semiconductor PLC
|
2SA1488A 2SA1488 |
Silicon PNP Transistor Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
|
SANKEN[Sanken electric]
|
MMUN2134LT1 MMUN2111LT1 MMUN2112LT1 MMUN2113LT1 MM |
Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network SSP PNP PNP SILICON BIAS RESISTOR TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
ONSEMI[ON Semiconductor]
|
MPS4126 MPS4126RLRA MPS4126-D |
Amplifier Transistor PNP Silicon Small Signal General Purpose PNP AMPLIFIER TRANSISTOR(PNP SILICON)
|
ON Semiconductor
|
BC32725TA BC32725TFR BC327ABU BC32740BU BC32725TAR |
PNP Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|